PART |
Description |
Maker |
RS-TR474 |
Dolby NR-Equipped Stereo Double Cassette Deck
|
Technics
|
AT93C46Y6-10YH-1.8 AT93C46-10SU-2.7/SL383 |
8 ULTRA THIN,MINI MAP,PB/HALO FREE,IND T(SERIAL EE) 64 X 16 MICROWIRE BUS SERIAL EEPROM, DSO8 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8
|
Atmel, Corp. ATMEL CORP
|
DBCTB6-2 DBCTB6-3 DBCTB63-2 DBCTB63-3 |
TERMINAL BLOCKS 5mm PITCH DOUBLE DECK - RISING CLAMP
|
Dubilier
|
CAT25C256LI-1.8-GT3 CAT25C256LI-1.8-GT2 CAT25C256L |
128K/256K-Bit SPI Serial CMOS EEPROM 16K X 8 SPI BUS SERIAL EEPROM, PDIP8 ROHS COMPLIANT, PLASTIC, DIP-8 16K X 8 SPI BUS SERIAL EEPROM, PDSO8 ROHS COMPLIANT, SOIC-8 16K X 8 SPI BUS SERIAL EEPROM, PDSO14
|
http:// CATALYST[Catalyst Semiconductor]
|
AT25HP512W2-10SI-1.8 AT25HP512W2-10SI-2.7 AT25HP51 |
SPI Serial EEPROMs 64K X 8 SPI BUS SERIAL EEPROM, PDSO16 SPI Serial EEPROMs 64K X 8 SPI BUS SERIAL EEPROM, DSO8 128-byte Page Mode Only for Write Operations
|
Atmel, Corp. ATMEL Corporation http://
|
AT93C46 AT93C46-10PC AT93C46-10PC-1.8 AT93C46-10PC |
3-Wire Serial EEPROMs 3线串行EEPROM 3-Wire Serial EEPROMs 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 16 Characters x 4 Lines, 5x7 Dot Matrix Character and Cursor 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 CONN UHF JACK 4 HOLE FLANGE MT 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 122 x 32 pixel format, Compact LCD size 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 3-Wire Serial EEPROMs 256 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 3-Wire Serial EEPROMs 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 3-Wire Serial EEPROMs 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 128 x 64 pixel format, LED or EL Backlight available 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 DC-DC Converter; Supply Voltage:36V; Output Voltage:3.3V; Number of Outputs:1; Power Rating:100W; Mounting Type:PC Board; Series:Eighth-Brick; Efficiency:90%; Leaded Process Compatible:Yes; Output Current:20A RoHS Compliant: Yes SH2 Series, 7606 Group, UBC, SDRAM, PCMCIA, Host I/F, 2-ch CMT, 16KB unified 4 way set associative cache BP-176V; Vcc= 3.0 to 3.6 volts, Temp= -40 to 85 C; Package: PLBG0176GA-A SH2 Series, 7606 Group, UBC, SDRAM, PCMCIA, Host I/F, 2-ch CMT, 16KB unified 4 way set associative cache BP-176V; Vcc= 3.0 to 3.6 volts, Temp= -20 to 75 C; Package: PLBG0176GA-A -3-Wire Serial EEPROMs 3-WireSerialEEPROMs 3-Wire Serial EEPROMs
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
CAT25C16YE-1.8-GT3 CAT25C08YI-1.8-GT3 CAT25C16YA-1 |
2K X 8 SPI BUS SERIAL EEPROM, PDSO8 ROHS COMPLIANT, MO-153, TSSOP-8 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 ROHS COMPLIANT, MO-153, TSSOP-8 1K X 8 SPI BUS SERIAL EEPROM, PDIP8 0.300 INCH, ROHS COMPLIANT, PLASTIC, MS-001, DIP-8 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 0.150 INCH, ROHS COMPLIANT, MS-012, SOIC-8
|
Fox Electronics
|
CAT25040ZIT3 CAT25010 CAT25010LA-GT3 CAT25010LAT3 |
1K/2K/4K SPI Serial CMOS EEPROM 512 X 8 SPI BUS SERIAL EEPROM, PDSO8 GREEN, MO-153, TSSOP-8 256 X 8 SPI BUS SERIAL EEPROM, PDSO8 GREEN, MO-153, TSSOP-8 128 X 8 SPI BUS SERIAL EEPROM, PDSO8 GREEN, MO-153, TSSOP-8 256 X 8 SPI BUS SERIAL EEPROM, PDSO8 GREEN, MO-187, MSOP-8 512 X 8 SPI BUS SERIAL EEPROM, PDSO8 GREEN, MO-187, MSOP-8 128 X 8 SPI BUS SERIAL EEPROM, DSO8 256 X 8 SPI BUS SERIAL EEPROM, DSO8 512 X 8 SPI BUS SERIAL EEPROM, PDIP8
|
CATALYST[Catalyst Semiconductor] ON Semiconductor
|
M34C02-R M34C02-L M34C02-LDW1G M34C02-LDW1P M34C02 |
256 X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 2 Kbit Serial I2C Bus EEPROM for DIMM serial presence detect 2 Kbit Serial I?C Bus EEPROM for DIMM serial presence detect 2 Kbit Serial I?? Bus EEPROM for DIMM serial presence detect
|
STMICROELECTRONICS[STMicroelectronics]
|
CAT25128XI-T2 CAT25128VE-T2 |
16K X 8 SPI BUS SERIAL EEPROM, PDSO8 0.150 INCH, HALOGEN FREE AND ROHS COMPLIANT, MS-012, SOIC-8 128 kb SPI Serial CMOS EEPROM 16K X 8 SPI BUS SERIAL EEPROM, PDSO8
|
Rectron Semiconductor
|
25AA160 25C160 25LC160 25LC160T-ISN 25C160T-ISN 25 |
Power Source Selector for Dual-Battery Systems Voltage-Positioning Evaluation Kit for the MAX1711 Evaluation Kit for the MAX1773 Evaluation Kit for the MAX1844 The 25LC160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat The 25C160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data The 25AA160 is a 16K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat
|
Microchip
|
|